PART |
Description |
Maker |
299D |
Solid Tantalum Capacitors, Solid-Electrolyte TANTALEX Capacitors, Tripole Triple-Lead, Resin-Coated
|
Vishay
|
550D08 550D107X9015S2 550D127X9015S2 550D157X9015S |
Solid-Electrolyte TANTALEX㈢ Capacitors for High Frequency Power Supplies Solid-Electrolyte TANTALEX? Capacitors for High Frequency Power Supplies Solid-Electrolyte TANTALEX庐 Capacitors for High Frequency Power Supplies Solid-Electrolyte TANTALEX垄莽 Capacitors for High Frequency Power Supplies
|
Vishay Siliconix
|
173D225X0035V 173D225X0050W 173D225X0015U 173D225X |
Solid Tantalum Capacitors, Solid Electrolyte Tantalex, Axial Leaded, Molded Case, Standard Range Solid-Electrolyte TANTALEX Capacitors Axial-Leaded Molded-Case Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:18-30 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; Number of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle CONNECTOR ACCESSORY Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Aluminum Alloy; Series:SW3106; No. of Contacts:10; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female PT 30C 1#16,29#20 SKT PLUG PT 30C 1#16,29#20 SKT 插头 Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case 固态电解质TANTALEX电容,轴向引线,塑壳 LED PNL MT 7MM 6V CHROME RED 固态电解质TANTALEX电容,轴向引线,塑壳 OSC 5V SMT 7X5 CMOS PROGRM 固态电解质TANTALEX电容,轴向引线,塑壳 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; No. of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle 固态电解质TANTALEX电容,轴向引线,塑壳 Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
CWR06 |
Solid Tantalum Chip Capacitors, Conformal, MIDGET? Solid-Electrolyte Military, MIL-C-55365/4 Qualified, Minimum Size, Tape and Reel Packaging, Gold Plate, 60/40 Electroplate, or Hot Solder Dipped Terminations Available
|
Vishay
|
94SP 94SP567X0004EBP 94SP157X0004CBP 94SP227X0004E |
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte 固体铝电解电容器有机半导体电解质
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
B44066K1211 B44066K1212 B44066K1421 B25667A3337A37 |
TERMINAL CAP CAP 3X1108UF480V X1108UF480V CAP 3X69UF400V X69UF400V CAP 3X138UF400V X138UF400V CAP 1X124UF400V X124UF400V CAP 1X149UF400V X149UF400V CAP 1X173UF525V
|
Vishay Intertechnology, Inc. SIEMENS AG EPCOS AG
|
TPSA225M010R1800 TPSA225K016R1800 TPSD106M035R0125 |
CAP 2.2UF 200V 10V TANT SMD-3216-18 TR-7 LOWESR-1800 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 2.2 uF, SURFACE MOUNT, 1206 CAP TANT LOESR 2.2UF 16V 10% SMD CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 2.2 uF, SURFACE MOUNT, 1206 CAP 10UF 100V 35V TANT SMD-7343-31 TR-7 LOWESR-125 CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 10 uF, SURFACE MOUNT, 2917 CAP 6.8UF 6.3V 20V TANT SMD-3528-21 TR-7 LOWESR-1000 CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 6.8 uF, SURFACE MOUNT, 1210 CAP 4.7UF 4V 16V TANT SMD-3528-21 TR-7 LOWESR-1500 CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 4.7 uF, SURFACE MOUNT, 1210 CAP 6.8UF 6.3V 16V TANT SMD-3528-21 TR-7 LOWESR-1200 CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 6.8 uF, SURFACE MOUNT, 1210
|
AVX, Corp.
|
TPSY1560350250 TPSE3360350100 TPSE3360350250 TPSE3 |
Low ESR series of robust Mn02 solid electrolyte capacitors Low ESR series of robust Mn02 solid electrolyte capacitors
|
AVX Corporation
|
TAZG336K010CRST0823 TAZG336K010CRST0824 TAZG336K01 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 33 uF, SURFACE MOUNT, 2711 CHIP CAP 15UF 25V 10% TANT SMD-7238-28 WAFFLE-PAK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 15 uF, SURFACE MOUNT, 2915 CAP 3.3UF 10V 10% TANT SMD-5013-13 TR-7 B-MIL-PRF-5365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 3.3 uF, SURFACE MOUNT, 2005 CAP 3.3UF 20V 10% TANT SMD-5025-13 TR-7 B-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 3.3 uF, SURFACE MOUNT, 2010 CAP 4.7UF 50V 10% TANT SMD-.285X.150 TR-7-PL B-FAILURE CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 4.7 uF, SURFACE MOUNT, 2915
|
AVX, Corp.
|
TA035TCM226KER TA016TCM475MAR TA025TCM226MDR |
CAP CHP TANT 22UF 35V 10% CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 22 uF, SURFACE MOUNT 4.7 UF TANTALUM CAPACITOR CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 4.7 uF, SURFACE MOUNT CAP`TNT`SM`PLZ`22`UF`25V`20^```D-CASE CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT
|
Venkel, Ltd.
|
80D472P050KD5D 80D332P050KB2D 80D392P050JE2DE3 80D |
Cap Aluminum 4700uF 50V -10% to 30% (30 X 40mm) 10mm 51 Ohm 4300mA 2000 hr 85C Cap Aluminum 3300uF 50V -10% to 30% (30 X 30mm) 10mm 79 Ohm 3100mA 2000 hr 85C CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 3900 uF, THROUGH HOLE MOUNT, RADIAL LEADED Aluminum Capacitors 85 °C, Snap-In CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 3300 uF, THROUGH HOLE MOUNT, CAN, ROHS COMPLIANT Cap Aluminum 6800uF 50V -10% to 30% (30 X 50mm) 10mm 40 Ohm 5300mA 2000 hr 85C Cap Aluminum 2200uF 50V -10% to 30% (25 X 30mm) 10mm 2000 hr 85C CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4700 uF, THROUGH HOLE MOUNT, RADIAL LEADED
|
Vishay Sprague Vishay Siliconix
|
|